Part Number Hot Search : 
T3963240 L113GDT LM235D EPS13 T8203250 UFM202 495040 20N50F
Product Description
Full Text Search
 

To Download URU1H221MHD Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ALUMINUM ELECTROLYTIC CAPACITORS
RU
12.5mmL
series
RY
12.5mmL height. Adapted to the RoHS directive (2002/95/EC).
High Temperature
RU
Specifications
Item Category Temperature Range Rated Voltage Range Rated Capacitance Range Capacitance Tolerance Performance Characteristics
- 40 ~ + 85C (6.3V ~ 400V), - 25 ~ + 85C (450V) 6.3 ~ 450V 6.8 ~ 6800F 20% at 120Hz, 20C
Rated voltage (V) 6.3 ~ 100V After 1 minute's application of rated voltage, leakage current is not more than 0.03CV or 4 (A), whichever is greater.
For capacitance of more than 1000F, add 0.02 for every increase of 1000F.
160 ~ 450V
After 1 minute's application of rated voltage,
Leakage Current
I = 0.04CV+100 (A) or less
Measurement frequency : 120Hz, Temperature : 20C
tan
Rated voltage (V)
tan (MAX.)
6.3 0.28
10 0.24 6.3 5 12
16 0.20 10 4 10
25 0.16 16 3 8
35 0.14 25 2 5
50 0.12 35
63 0.12
100 0.12
160 ~ 350 400 ~ 450 0.20 0.25 400 6 10 450 15
Measurement frequency : 120Hz
Stability at Low Temperature
Rated voltage (V) Impedance ratio Z- 25C / Z+20C ZT / Z20 (MAX.) Z- 40C / Z+20C
2 4
50~ 100 160 ~ 200 250 ~ 350 2 3 4 3 4 8
Endurance
After 2000 hours' application of rated voltage at 85C,capacitors meet the characteristic requirements listed at right.
Capacitance change tan Leakage current
Within 20% of initial value 200% or less of initial specified value Initial specified value or less
Shelf Life Marking
After storing the capacitors under no load at 85C for 1000 hours, and after performing voltage treatment based on JIS C 5101-4 clause 4.1 at 20C, they will meet the specified value for endurance characteristics listed above. Printed with white color letter on black sleeve.
Radial Lead Type
Sleeve (P.E.T.)
Type numbering system (Example : 10V 2200F)
d
1 2 3 4 5 6 7 8 9 10 11
URU 1 A 2 2 2 MHD
Configuration
P 0.5
D+0.5 MAX
Capacitance tolerance (20%) Rated Capacitance (2200F)
Pressure relief vent L+
MAX
Rated voltage (10V) Series name
15MIN 4MIN
Type
(mm)
Configuration D 12.5 ~ 18 20 ~ 25
Pb-free leadwire Pb-free PET sleeve
(D < 20) 1.5 (D 20) 2.0
D P d
12.5 5.0 0.6
16 7.5 0.8
18 7.5 0.8
20 10 1.0
22 10 1.0
25 12.5 1.0
HD RD
* Please refer to page 21 about the end seal configulation.
Please refer to page 21, 22, 23 about the formed or taped product spec. Please refer to page 3 for the minimum order quantity.
Dimension table in next page.
CAT.8100V
ALUMINUM ELECTROLYTIC CAPACITORS
RU
Cap.(F)
series
Dimensions
V Code
6.3 0J
10 1A
16 1C
25 1E
35 1V
330 470 680 1000 2200 3300 4700 6800
331 471 681 102 222 332 472 682
16 x 12.5 20 x 12.5 25 x 12.5
800 1460 1600
12.5 x 12.5 18 x 12.5 25 x 12.5
870 1100 1480
20 x 12.5 25 x 12.5
1200 1410
12.5 x 12.5 25 x 12.5
750 1380
12.5 x 12.5 18 x 12.5
720 850
50 1H 12.5 x 12.5 16 x 12.5 20 x 12.5 25 x 12.5
530 600 750 930
Case size D x L (mm)
Rated ripple
V Cap.(F) Code
63 1J
100 2A
160 2C 12.5 x 12.5 16 x 12.5 18 x 12.5 22 x 12.5 230 280 330 380
22 33 47 68 100 220 330 470 680
220 330 470 680 101 221 331 471 681
12.5 x 12.5 18 x 12.5 22 x 12.5 25 x 12.5
490 710 900 1200
12.5 x 12.5 22 x 12.5 25 x 12.5
330 620 760
200 2D 12.5 x 12.5 16 x 12.5 18 x 12.5 22 x 12.5 25 x 12.5
190 230 280 330 380
250 2E 16 x 12.5 18 x 12.5 20 x 12.5 25 x 12.5
190 230 280 330
315 2F 16 x 12.5 20 x 12.5 25 x 12.5
190 230 280
V Cap.(F) Code
350 2V 12.5 x 12.5 18 x 12.5 20 x 12.5 25 x 12.5 110 230 230 280
400 2G 16 x 12.5 20 x 12.5 25 x 12.5 110 230 280
450
06.8 100. 220. 330. 470.
6R8 100 220 330 470
2W 12.5 x 12.5 16 x 12.5 22 x 12.5
70 80 160
Rated Ripple (mArms) at 85C 120Hz
Frequency coefficient of rated ripple current
V
Cap.(F) Frequency
6.3 ~ 100 160 ~ 450
100 ~ 680 1000 ~ 6800 6.8 ~ 100
50Hz 0.80 0.85 0.80
120Hz 1.00 1.00 1.00
300Hz 1.23 1.10 1.25
1 kHz 1.34 1.13 1.40
10 kHz ~ 1.50 1.15 1.60
CAT.8100V


▲Up To Search▲   

 
Price & Availability of URU1H221MHD

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X